Part Number Hot Search : 
AMS2908 75M50 7C516 TIP120G TIP120G A12181 KT961 MAX5097
Product Description
Full Text Search
 

To Download HER306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Technology
HER301 thru HER308
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 3.0 Ampere
HIGH EFFICIENCY RECTIFIERS
FEATURES
Plastic passivated chip Super fast switching for high efficiency High current capability Low forward voltage drop and high current capability Low reverse leakage current Plastic material has UL flammability classification 94V-0
A
DO-201AD
B A
C D
Dim. A
DO-201AD Min. Max. 25.4 7.20 1.20 9.50 1.30 5.30
MECHANICAL DATA
Case : Molded plastic Polarity : Indicated by cathode band Weight : 0.04 ounces, 1.2 grams
B
C 4.80 D Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20% HER 301 50 35 50 HER HER 302 303 100 200 70 140 100 200 HER 304 300 210 300 HER 305 400 280 400
3.0 150 1.0 1.3 10.0 100 50 20 30 -55 to +150 -55 to +150
1.7
CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current
SYMBOL
VRRM VRMS VDC I(AV) IFSM VF IR TRR CJ
R0JL
HER 306 600 420 600
HER 307 800 560 800
HER 308 1000 700 1000
UNIT V V V A
@TL =75 C
Peak Forward Surge Current 8.3ms single half sine-wave super imposed on rated load (JEDEC METHOD) Maximum forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage
A V uA
@TJ =25 C @TJ =100 C
Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range
75
10
ns pF C/W
TJ TSTG
C C
NOTES : 1.Reverse Recovery Test Conditions :IF=0.5A,IR=1.0A,IRR=0.25A. 2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3.Thermal Resistance junction to Lead.
CTC0054 Ver. 2.0
1 of 2
HER301 thru HER308
Compact Technology
HER301 thru HER308
RATINGS AND CHARACTERISTIC CURVES
FIG . 1 -REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE
AND TEST CIRCUIT DIAGRAM
AVERAGE FORWARD CURRENT . (A )
FIG . 2 -MAXIMUM AVERAGE FORWARD CURRENT DERATING 6 5 4 3 2 1
25 50 75 100 125 150 175
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.375"(9.5mm ) LEAD LENGTH
trr
+0.5A
(+ ) 50Vdc (approx) (-)
DUT
PULSE GENERATOR (NOTE 2 )
NONINDUCTIVE
0 -02.5A
OSCILLOSCOPE (NOTE 2 )
-1.0A 1cm SET TIME BASE FOR 5/ 10ns / cm
NOTES: 1 . RISE TIME = 7nsmax. INPUT IMPEDANCE= 1 MEGOHM 22pf 2 . RISE TIME = 10ns max.SOURSE IMPEDANCE = 50ohmsf
AMBIENT TEMPERATURE . (OC)
FIG . 3 -TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT .( A) INSTANTANEOUS FORWARD CURRENT. (A)
FIG . 4 -TYPICAL REVERSE CHARACTERISTICS 100.0
01
-H
ER
100
TJ=100 C
3 20 R2 3 HE
O
10.0
4
HE
R3
05
1.0
.1
0.1 0
20
40
60
80
100
120
.01
.2
.4
.6
.8
HE
TJ=25 O C
R3
1.2
06
-H
ER
1.0 1.4 FORWARD VOLTAGE . ( V ) FIG . 6 -TYPICAL JUNCTION CAP ACITANCE
10
1.0
PERCENT OF RA TED PEAK REVERSE VOL TAGE . (% ) FIG . 5- MAXIMUM NON - REPETITIVE FOR WARD SURGE CURRENT 175 JUNCTION CARACITANCE.(pF) 150 125 100 75 50 25 0 .1 .5
PEAK FORWARD SURGE CURRENT . (A)
300
200
HE
R3
01 -
HE
100
R30
5
HER
306
- HE
R 30
8
0
1
10
100
1000
1
2
5
10 20
50
30
100 200 500
REVERSE VOLTAGE . ( V )
NUMBER OF CYCLES AT 60Hz
CTC0054 Ver. 2.0
2 of 2
HER301 thru HER308
8


▲Up To Search▲   

 
Price & Availability of HER306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X